Part Number Hot Search : 
B5046 1N581 PN330CL STV9936S P5NK60ZF 1N5249 MA26V11 U2N60
Product Description
Full Text Search
 

To Download CTDD1210D-2415S-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD1210D-S Series
Fixed Input Isolated & Unregulated 1W Output, Single Output
Part Number CTDD1210D-0505S-1 CTDD1210D-0509S-1 CTDD1210D-0512S-1 CTDD1210D-0515S-1 CTDD1210D-1205S-1 CTDD1210D-1209S-1 CTDD1210D-1212S-1 CTDD1210D-1215S-1 CTDD1210D-2405S-1 CTDD1210D-2409S-1 CTDD1210D-2412S-1 CTDD1210D-2415S-1
Vin Nom. 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 12VDC 24VDC 24VDC 24VDC 24VDC
Input Range 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 21.6-26.4VDC 21.6-26.4VDC 21.6-26.4VDC 21.6-26.4VDC
Vout 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC
Iout Max. (mA) 200 111 83 67 200 111 83 67 200 111 83 67
Iout Min. (mA) 20 12 9 7 20 12 9 7 20 12 9 7
Effi(Typ.) 78% 79% 80% 78% 78% 80% 81% 79% 79% 80% 81% 79%
Not shown at actual size.
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance Test Condition Tested for 1 minute Test at 500VDC MIN 1000 1000 TYP MAX Units VDC M
FEATURES
Efficiency: To 80% Temperature Range: -40C to 85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: Single Output Voltage. No heatsink required. No external components required. Industry standard pinout. Small footprint. Custom service available. Samples available.
Item Output Power Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple Switching frequency
OUTPUT SPECIFICATIONS
Test Condition For Vin change of 1% 10% to 100% full load See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input 100 50 150 0.03 75 200 %/C mVp-p KHz MIN 0.1 TYP MAX 1 1.2 15 Units W % %
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
TYPICAL CHARACTERISTICS CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Temperature Range: -55C to +125C Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >1,000,000 hours
Tolerance Envelope Graph Temperature Derating Graph 120 100 80 60 40 20 0
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Voltage(%)
Output Power(%)
+10% +5% Nominal Voltage
Safe Operating Area
10%
50%
100%
-40
0
40
80
120
Output Current(%)
Ambient Temperature(C)
12.14.04
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD1210D-S Series
Fixed Input Isolated & Unregulated 1W Output, Dual Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD1210D-S Package 12.7 7.70 4.10 Side View
7.62 1 7.62 7 5 4
10.0
Bottom View
CTDD1210D-S Footprint o1.00+0.15/-0 2.54
2.54
7 1
5 4
Note: All pins on a 2.54mm pitch; All pin diameters are 0.50mm; all dimensions in mm
PIN CONNECTIONS
Pin 1 4 5 7
Function GND Vin +V 0V
1 7
4 5
12.08.04
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD1210D-2415S-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X